Part Number Hot Search : 
SEL1513E AD5541JR 100AC C0805C1 ACTS630K MC100LV 17083 ZTB720J
Product Description
Full Text Search
 

To Download ZM4744A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZM4728A - ZM4764A
1.0W SURFACE MOUNT ZENER DIODE Features
* * *
NOT RECOMMENDED FOR NEW DESIGN, USE SMAZ SERIES (SMA PACKAGE)
A B C
1.0W Power Dissipation 3.9V - 100V Nominal Zener Voltages Standard VZ Tolerance is 5%
Mechanical Data
* * * * Case: MELF, Glass Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Approx. Weight: 0.25 grams
MELF Dim A B C Min 4.80 2.40 Max 5.20 2.60
0.55 Nominal
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol IZ @ TA = 25C @ IF = 200 mA Pd RqJA VF Tj, TSTG Value Pd/Vz 1 170 1.2 -65 to +200 Unit mA W K/W V C
Characteristic Zener Current (see Table page 2) Power Dissipation Thermal Resistance - Junction to Ambient Air Forward Voltage Operating & Storage Temperature Range
Notes:
1. Measured under thermal equilibrium and DC (IZT) test conditions. 2. The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
DS18009 Rev. 3 - 3
1 of 3
ZM4728A-ZM4764A
Electrical Characteristics
Type Number Nominal Zener Voltage (1) VZ @ IZT V ZM4728A ZM4729A ZM4730A ZM4731A ZM4732A ZM4733A ZM4734A ZM4735A ZM4736A ZM4737A ZM4738A ZM4739A ZM4740A ZM4741A ZM4742A ZM4743A ZM4744A ZM4745A ZM4746A ZM4747A ZM4748A ZM4749A ZM4750A ZM4751A ZM4752A ZM4753A ZM4754A ZM4755A ZM4756A ZM4757A ZM4758A ZM4759A ZM4760A ZM4761A ZM4762A ZM4763A ZM4764A Notes: 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 Test Current IZT mA 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5
@ TA = 25C unless otherwise specified Maximum Reverse Leakage Current IR A 100 100 50 10 10 10 10 10 10 10 10 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 @ VR V 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 Max Surge Current 8.3ms IZS mA 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 Maximum Zener Current IZM mA 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27 25 23 22 19 18 16 14 13 12 11 10 9.0
Maximum Zener Impedance (2) ZZT @ IZT W 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 ZZK @ IZK W 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1. Measured under thermal equilibrium and DC (IZT) test conditions. 2. The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
NOT RECOMMENDED FOR NEW DESIGN, USE SMAZ SERIES (SMA PACKAGE)
DS18009 Rev. 3 - 3 2 of 3 ZM4728A-ZM4764A
1.0
Pd, POWER DISSIPATION (W)
0.8
0.6
0.4
0.2
0 0 100 TA, AMBIENT TEMPERATURE (C) Fig. 1, Power Derating Curve 200
NOT RECOMMENDED FOR NEW DESIGN, USE SMAZ SERIES (SMA PACKAGE)
DS18009 Rev. 3 - 3
3 of 3
ZM4728A-ZM4764A


▲Up To Search▲   

 
Price & Availability of ZM4744A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X